PART |
Description |
Maker |
V23818-N15-L17 V23818-N15-L16 V23818-N15-L353 V238 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, collar, active data output if SD low Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, AC-AC Coupling ext. Temp Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, DC-DC Coupling ext. Temp Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC?/a> Connector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector
|
Infineon Technologies AG
|
AFCT-5760TPZ |
Families of Small Form Factor Pluggable (SFP) Optical Transceivers
|
AVAGO TECHNOLOGIES LIMI...
|
HFCT-5760 |
Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
|
Hewlett-Packard
|
622MBIT/SLC2X53.3V |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling)
|
Infineon
|
HFBR-5963ALZ |
Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
|
AVAGO TECHNOLOGIES LIMI...
|
V23818-S5-B2 |
Transceivers by Standard - SFP - Small Form-factor Pluggable Cage Dust Plug
|
INFINEON[Infineon Technologies AG]
|
V23849-R35-C55 V23849-R36-C55 |
Transceivers by Form-factor MSA - iSFP? 1.25 Gbit/s GBE; 4.25/2.125/1.0625 Gbit/s FC, 850 nm; MM; LC; common ground sheme Transceivers by Form-factor MSA - iSFP? 1.25 Gbit/s GBE; 4.25/2.125/1.0625 Gbit/s FC, 850 nm; MM; LC; separated ground sheme
|
Infineon
|
OC-3SM1300NM15KM |
Transceivers by Form-factor MSA - iSFP™ - OC-3 Trx for Multirate Applications up to 155 Mbit/s, LC Connector, 21/ 15 km
|
Infineon
|
V23848-M15-C656 |
Transceivers by Form-factor MSA - iSFP™ - 1300 nm 20 km 2.125/1.0625 Gbit/s Fibre Channel 1.25 GBE with LC Connect
|
Infineon
|
V23838-M305-M56 |
Transceivers by Form-factor MSA - SFP Multimode 850 nm; 2.125/ 1.062 Gbit/s FC; 1.25 Gbit/s GBE; LC Connector
|
Infineon
|
V23826-C18-C364 V23826-C18-C64 INFINEONTECHNOLOGIE |
Transceivers by Form-factor MSA - DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver 直流/直流 V/3.3五)单模155 MBd的ATM SDH / SONET1x9长距离收发器
|
INFINEON[Infineon Technologies AG]
|
IBM42F21LNNAA10 IBM42G21LNNAA10 |
1x Fibre Channel Small Form Factor PTH Transceiver(1x吉位光纤通道小外形PTH收发 1x Fibre Channel Small Form Factor PTH Transceiver(1x?????氦???灏??褰⑿TH?跺???
|
IBM Microeletronics
|